PART |
Description |
Maker |
NCP4896FCT1G |
1.0 Watt Audio Power Amplifier with Earpiece Driving Capability 1.08 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9
|
ON Semiconductor
|
BS616LV2020DI BS616LV2020DC BS616LV2020AC BS616LV2 |
Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable 非常低功电压CMOS SRAM28K的1656K × 8位开 LM4954 Boomer ® Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 非常低功电压CMOS SRAM28K的1656K × 8位开
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, Inc.
|
ECG1081A |
4.8-WATT AUDIO POWER AMPLIFIER
|
List of Unclassifed Manufacturers ETC[ETC]
|
EUA4890AHIR1 EUA4890A |
1 Watt Audio Power Amplifier
|
Eutech Microelectronics Inc
|
HWD2190 |
1 Watt Audio Power Amplifier
|
List of Unclassifed Manufacturers
|
LY8891 LY8891BL LY8891UL |
1.0 Watt Audio power Amplifier
|
Lyontek Inc.
|
NCP2990FCT2G NCP2990 |
1.3 Watt Audio Power Amplifier with Fast Turn On Time
|
ONSEMI[ON Semiconductor]
|
AT49LV020 AT49LV020- AT49BV020-12VI AT49BV020 AT49 |
LM4902 ™BOOMER 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode; Package: MINI SOIC; No of Pins: 8 2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory LM4902 BOOMER 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode; Package: MINI SOIC; No of Pins: 8 LM4902 BOOMER 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode; Package: LLP; No of Pins: 8 LM4900 Boomer ® Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode; Package: MINI SOIC; No of Pins: 8 LM4900 Boomer ® Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode; Package: SOIC NARROW; No of Pins: 8 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 LM4431 Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 256K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4903 Boomer ® Audio Power Amplifier Series 1 Watt Audio Power Amplifier; Package: MINI SOIC; No of Pins: 8 256K X 8 FLASH 3V PROM, 90 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
TDA729310 TDA7293V |
120-volt, 100-watt, DMOS audio amplifier with mute and standby 100 W, 1 CHANNEL, AUDIO AMPLIFIER, PZFM15
|
STMicroelectronics
|
TA7280 TA7280P TA7281P E003333 |
80 AMP MINI-ISO AUTOMOTIVE RELAY (TA7280P / TA7281P) 5.8W DUAL / 22W BTL AUDIO POWER AMPLIFIER 5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
CMM1434-SM-0G0T CMM1434-SM07 |
13.50-14.50 GHz 2.5-Watt Power Amplifier 13500 MHz - 14500 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 13.50-14.50 GHz 2.5-Watt Power Amplifier 13.50-14.50吉赫2.5瓦功率放大器
|
Mimix Broadband, Inc.
|